Part Number Hot Search : 
LC74781M VQ100 26MB40B VQ100 X9C103SI TBE0303M DI106 ML60841
Product Description
Full Text Search
 

To Download L-14117 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Common Mode Inductor
Designed for Switching Power Supply Applications.
Built with Spacers designed by Rhombus Industries to provide 3mm Creepage and Clearance for International Safety Compliance.
Parameter
Min.
Typ.
Max.
Units
Rated Voltage
250 VAC
Inductance DCR Current Leakage Inductance
16 180 2.6 180
mH m ARMS H
Hipot (Isolation) 1250 VAC Insulation Resistance 100M Temperature Rise 600C Max. Operating Temperature Range -250C to +850C
Materials used in construction of this component meet or exceed UL Class B (1300 C)
Physical Dimensions
1 .4 0 (3 5 .6 0 ) N om .
inches (mm)
Flammability: Toroid Mount and Creepage Spacer used in the production of these units meet requirements of UL94VO and IEC 695-2-2 needle flame test.
1.40 (35.60) Nom.
Schematic Diagram
1
2
LEAD DIA. : .050(1.27)
.200 (5.08) Nom.
3
.900 (22.86) Nom.
4
3
4 .6 0 0 (1 5 .2 4 ) 1
2
.9 0 0 (2 2 .8 6 )
RHOMBUS P/N: L-14117 CUST P/N: DATE: 08/17/01 NAME: SHEET: 1 OF 1
Rhombus Industries Inc.
Transformers & Magnetic Products
www.rhombus-ind.com
15801 Chemical Lane, Huntington Beach, CA 92649 Phone: (714) 898-0960 FAX: (714) 896-0971


▲Up To Search▲   

 
Price & Availability of L-14117

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X